PART |
Description |
Maker |
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
FAN2558MP15X FAN2558 FAN2559 FAN2559S18X FAN2558AD |
180mA Low Voltage CMOS LDO 1 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Output Voltage CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5 180mA Low Output Voltage Low Noise CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 3.6 V FIXED POSITIVE LDO REGULATOR, PDSO5 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TC1265 TC1265-1.8VAT TC1265-1.8VET TC1265-1.8VETTR |
800 mA Fixed-Output CMOS LDO with Shutdown 800毫安固定输出CMOS低压带有关断 CAP 1000PF 630V CERAMIC X7R 1206 The TC1265 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
SPX1117M3-2-5 SPX1117M3-2-5_TR SPX1117M3-2-85 SPX1 |
3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 2.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 2.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Voltage Regulator
|
EXAR CORP SIPEX[Sipex Corporation]
|
ADP124ARHZ-2.7-R7 ADP124ARHZ-2.9-R7 ADP124ACPZ-1.8 |
5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.7 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.9 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 2.8 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 2 X 2 MM, ROHS COMPLIANT, LFCSP-8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/31 FIXED-OUTPUT VOLTAGES No of Pins: 8 Temperature Range: Ind 2.85 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 5.5V INPUT, 500 MA, LOW QUIESCENT CURRENT, CMOS LINEAR REGULATOR W/EXTERNAL VOLTAGE DIVIDER No of Pins: 8 Temperature Range: Ind 0.8 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BD80C0AFPS BD80C0AFPS10 BD90C0AFPS BD80C0AFPS-E2 |
Standard Fixed Output LDO Regulators 8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO2 ROHS COMPLIANT, TO-252, 3 PIN
|
Rohm IDEC, Corp.
|
AME8847AEGT330Z AME8847 AME8847AEFT180Z AME8847AEF |
800mA CMOS LDO
|
AME[Analog Microelectronics]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
ELM85503AA-N ELM85503AA-S ELM85303AA-N ELM85303AA- |
CMOS 800mA LDO voltage regulator
|
ELM Technology Corporation
|
27C2000 MX27C2000 MX27C2000MC-10 MX27C2000MC-12 MX |
2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 55 ns, PDSO32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 70 ns, PDIP32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 55 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 85 256K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 85 256K X 8 OTPROM, 45 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.8V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 85 Single Output LDO, 3.0A, Fixed(3.3V), Fast Transient Response, Reverse Current Protection 5-DDPAK/TO-263 -40 to 85
|
MACRONIX INTERNATIONAL CO LTD PROM Macronix International Co., Ltd. MCNIX[Macronix International]
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
|